Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMB Fiches technique(PDF) 2 Page - DDK Ltd.

No de pièce BMB
Description  Compact Bayonet Lock Coaxial Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BMB Fiches technique(HTML) 2 Page - DDK Ltd.

  BMB Datasheet HTML 1Page - DDK Ltd. BMB Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.ddknet.co.jp
○
 BMB Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Unit:mm
2
A3
BMB-SP-1.5D-CR1
109839
(20.5)
Straight Cable Plug
3.5
7.0
(0.7)
φ7.9
9.0
12.5
 
108291
BMB−SR−PC
5.08 0.1
2.54 0.05
5-φ1.2
+0.1
0
基板取付参考寸法
3.5
7.0
(0.7)
φ7.9
9.0
12.5
 
108291
BMB−SR−PC
5.08 0.1
2.54 0.05
5-φ1.2
+0.1
0
基板取付参考寸法
PCB Mounting Dimensions
BMB-SR-PC
BMB-SP-1.5D-CR1
○ Receptacle
Jack
  Applicable Cable
 1.5D-2V、1.5D-2W
 1.5D-HQ・SUPER



Html Pages

1 2