| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT244DBRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT244DBRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
|
5 / 22 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8776001M2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8776001M2A SNJ54ACT 244FK 5962-8776001MRA ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8776001MR A SNJ54ACT244J 5962-8776001MSA ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8776001MS A SNJ54ACT244W 5962-8776001SRA ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8776001SR A SNV54ACT244J 5962-8776001SSA ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8776001SS A SNV54ACT244W SN74ACT244DBLE OBSOLETE SSOP DB 20 TBD Call TI Call TI -40 to 85 SN74ACT244DBR ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD244 SN74ACT244DBRG4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD244 SN74ACT244DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT244 SN74ACT244DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT244 SN74ACT244DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT244 SN74ACT244DWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT244 SN74ACT244DWRG4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT244 SN74ACT244N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74ACT244N SN74ACT244NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74ACT244N |