| Moteur de recherche de fiches techniques de composants électroniques |
|
SS5682LSOT Fiches technique(PDF) 8 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS5682LSOT Fiches technique(HTML) 8 Page - SEC Electronics Inc. |
|
8 / 8 page ![]() SS5682 Unipolar Hall Switch 8 V3.10 Nov 1, 2013 Package SO, 3-Pin (SOT-23): Hall plate location Ordering Information Part No. Pb-free Temperature Code Package Code Packing SS5682ESOT YES -40°C to 85°C SOT-23 7-in. reel, 3000 pieces/reel SS5682EUA YES -40°C to 85°C TO-92 Bulk, 1000 pieces/bag SS5682KSOT YES -40°C to 125°C SOT-23 7-in. reel, 3000 pieces/reel SS5682KUA YES -40°C to 125°C TO-92 Bulk, 1000 pieces/bag SS5682LSOT YES -40°C to 150°C SOT-23 7-in. reel, 3000 pieces/reel SS5682LUA YES -40°C to 150°C TO-92 Bulk, 1000 pieces/bag 2.70 3.10 1.00 1.30 0.70 0.90 0.00 0.10 0.35 0.50 0.10 0.25 0.20 Min 2.60 3.00 1.50 1.80 1.70 2.10 3 2 1 Top Side Vie End Notes 1). PINOUT: Pin 1 VDD Pin 2 Output Pin 3 GND 2). All dimensions are in millimeters; 0.56 0.66 0.95 0.80 1.50 1.40 Chip 3 2 1 Bottom View of SOT-23 Package |