Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS3613LSTT Fiches technique(PDF) 5 Page - SEC Electronics Inc.

No de pièce SS3613LSTT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3613LSTT Fiches technique(HTML) 5 Page - SEC Electronics Inc.

  SS3613LSTT Datasheet HTML 1Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 2Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 3Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 4Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 5Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 6Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 7Page - SEC Electronics Inc. SS3613LSTT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SS3613
CMOS Omnipolar High Sensitivity Micropower Hall Switch
5
V3.10
Nov 1, 2013
ESD Protection
Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7
Parameter
Symbol
Limit Values
Unit
Notes
Min
Max
ESD Voltage
VESD
±4
kV
Performance
Characteristics
Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage,
which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced technique
possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated circuitry to be
placed in less space. The small chip size also contributes to lower physical stress and less power consumption.



Html Pages

1 2 3 4 5 6 7 8