Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS3313LSOT Fiches technique(PDF) 7 Page - SEC Electronics Inc.

No de pièce SS3313LSOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3313LSOT Fiches technique(HTML) 7 Page - SEC Electronics Inc.

  SS3313LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS3313LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS3313LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS3313LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS3313LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS3313LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS3313LSOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SS3313
CMOS Omnipolar High Sensitivity Micropower Hall Switch
7
V3.10 Nov 1, 2013
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS3313ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS3313EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/ bag
SS3313KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS3313KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/ bag
SS3313LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS3313LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/ bag



Html Pages

1 2 3 4 5 6 7