| Moteur de recherche de fiches techniques de composants électroniques |
|
SS3141LSOT Fiches technique(PDF) 2 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS3141LSOT Fiches technique(HTML) 2 Page - SEC Electronics Inc. |
|
2 / 6 page ![]() SS3141 Unipolar Hall-Effect Digital Switch 2 V3.10 Nov 1, 2013 General Descriptions The SS3141 is a unipolar Hall-effect sensor IC fab- ricated from bipolar technology. The device inte- grates a voltage regulator, reverse battery protec- tion diode, Hall sensor with dynamic offset can- cellation system, temperature compensation cir- cuitry, small signal amplifier, Schmitt trigger and an open-collector output to sink up to 25 mA. With suitable output pull up, they can be used with bipolar or CMOS logic circuits. These Hall-effect switches are monolithic integrat- ed circuits with tighter magnetic specifications, de- signed to operate continuously over extended tem- peratures to +150°C,and are more stable with both temperature and supply voltage changes. The uni- polar switching characteristic makes these devices ideal for use with a simple bar or rod magnet. Thanks to its wide operating voltage range and ex- tended choice of temperature range, it is quite suit- able for use in automotive, industrial and consumer applications. The device is delivered in a Small Outline Transis- tor (SOT) or in a Plastic Single In Line (SIP 3L flat). Both 3-lead packages are RoHS compliant. Glossary of Terms MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss RoHS Restriction of Hazardous Substances Operating Point (BOP) Magnetic flux density applied on the branded side of the package which turns the output driver ON (VOUT = VDSon) Release Point (BRP) Magnetic flux density applied on the branded side of the package which turns the output driver OFF (VOUT = high) |