Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3550 Fiches technique(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Fiches technique(HTML) 34 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 29Page - Texas Instruments LM3550 Datasheet HTML 30Page - Texas Instruments LM3550 Datasheet HTML 31Page - Texas Instruments LM3550 Datasheet HTML 32Page - Texas Instruments LM3550 Datasheet HTML 33Page - Texas Instruments LM3550 Datasheet HTML 34Page - Texas Instruments LM3550 Datasheet HTML 35Page - Texas Instruments LM3550 Datasheet HTML 36Page - Texas Instruments LM3550 Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3550SP/NOPB
UQFN
NHU
20
1000
178.0
12.4
2.7
3.2
0.8
8.0
12.0
Q1
LM3550SPX/NOPB
UQFN
NHU
20
4500
330.0
12.4
2.7
3.2
0.8
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37