Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3489MM Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3489MM
Description  Hysteretic PFET Buck Controller With Enable Pin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489MM Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM3489MM Datasheet HTML 17Page - Texas Instruments LM3489MM Datasheet HTML 18Page - Texas Instruments LM3489MM Datasheet HTML 19Page - Texas Instruments LM3489MM Datasheet HTML 20Page - Texas Instruments LM3489MM Datasheet HTML 21Page - Texas Instruments LM3489MM Datasheet HTML 22Page - Texas Instruments LM3489MM Datasheet HTML 23Page - Texas Instruments LM3489MM Datasheet HTML 24Page - Texas Instruments LM3489MM Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3489MM
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3489MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3489MM/NOPB
VSSOP
DGK
8
1000
178.0
13.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3489MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3489MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3489QMM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3489QMMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2016
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25