Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM148FKB Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM148FKB
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM148FKB Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM148FKB Datasheet HTML 4Page - Texas Instruments LM148FKB Datasheet HTML 5Page - Texas Instruments LM148FKB Datasheet HTML 6Page - Texas Instruments LM148FKB Datasheet HTML 7Page - Texas Instruments LM148FKB Datasheet HTML 8Page - Texas Instruments LM148FKB Datasheet HTML 9Page - Texas Instruments LM148FKB Datasheet HTML 10Page - Texas Instruments LM148FKB Datasheet HTML 11Page - Texas Instruments LM148FKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM248DR
SOIC
D
14
2500
367.0
367.0
38.0
LM348DR
SOIC
D
14
2500
333.2
345.9
28.6
LM348DR
SOIC
D
14
2500
367.0
367.0
38.0
LM348NSR
SO
NS
14
2000
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15