Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS495 Fiches technique(PDF) 2 Page - SEC Electronics Inc.

No de pièce SS495
Description  Linear Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS495 Fiches technique(HTML) 2 Page - SEC Electronics Inc.

  SS495 Datasheet HTML 1Page - SEC Electronics Inc. SS495 Datasheet HTML 2Page - SEC Electronics Inc. SS495 Datasheet HTML 3Page - SEC Electronics Inc. SS495 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS495
Linear Hall Effect Sensor
2
V3.10
Nov 1, 2013
Magnetic Electric Conversion Curve
Pin Definitions and Descriptions
Name
No
Status
Description
Vdd
1
P
Power Supply
Gnd
2
P
IC Ground
Output
3
O
Output
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage (operating)
VCC
10.5
V
Output Current
IOUT
2
mA
Operating Temperature Range
TA
-40~150
°C
Storage Temperature Range
TS
-65~150
°C



Html Pages

1 2 3 4