Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP8430V Fiches technique(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Fiches technique(HTML) 32 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 28Page - National Semiconductor (TI) DP8430V Datasheet HTML 29Page - National Semiconductor (TI) DP8430V Datasheet HTML 30Page - National Semiconductor (TI) DP8430V Datasheet HTML 31Page - National Semiconductor (TI) DP8430V Datasheet HTML 32Page - National Semiconductor (TI) DP8430V Datasheet HTML 33Page - National Semiconductor (TI) DP8430V Datasheet HTML 34Page - National Semiconductor (TI) DP8430V Datasheet HTML 35Page - National Semiconductor (TI) DP8430V Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
70 RAS and CAS Configuration Modes (Continued)
75 PAGEBURST MODE
In a static column page or burst mode system the least
significant bits must be tied to the column address in order
to ensure that the pageburst accesses are to sequential
memory addresses as shown in
Figure 28
In a nibble
mode system the least significant bits must be tied to the
highest column and row address bits in order to ensure that
sequential address bits are the ‘‘nibble’’ bits for nibble mode
accesses
(Figure 28) The ECAS inputs may then be tog-
gled with the DP8430V31V32V’s address latches in fall-
through mode while AREQ is asserted The ECAS inputs
can also be used to select individual bytes When using nib-
ble mode DRAMS the third and fourth address bits can be
tied to the bank select inputs to perform memory interleav-
ing In page or static column modes the two address bits
after the page size can be tied to the bank select inputs to
select a new bank if the page size is exceeded
TLF11118 – 43
See table below for row column
bank address bit map A0 A1 are used for byte addressing in this example
Addresses
Nibble Mode
Page ModeStatic Column Mode Page Size
256 BitsPage
512 BitsPage
1024 BitsPage
2048 BitsPage
Column
C9R9 e A2A3
C0 – 7 e A2–9
C0–8 e A2–10
C0–9 e A2–11
C0–10 e A2–12
Address
C0 – 8 e X
C8–10 e X
C910 e X
C10 e X
Row
XX
X
X
X
Address
B0
A4
A10
A11
A12
A13
B1
A5
A11
A12
A13
A14
Assume that the least significant address bits are used for byte addressing Given a 32-bit system A0A1 would be
used for byte addressing
X e DON’T CARE the user can do as he pleases
Nibble mode values for R and C assume a system using 1 Mbit DRAMs
FIGURE 28 Page Static Column Nibble Mode System
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56