Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F632VC Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 74F632VC
Description  32-Bit Parallel Error Detection and Correction Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F632VC Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  74F632VC Datasheet HTML 1Page - National Semiconductor (TI) 74F632VC Datasheet HTML 2Page - National Semiconductor (TI) 74F632VC Datasheet HTML 3Page - National Semiconductor (TI) 74F632VC Datasheet HTML 4Page - National Semiconductor (TI) 74F632VC Datasheet HTML 5Page - National Semiconductor (TI) 74F632VC Datasheet HTML 6Page - National Semiconductor (TI) 74F632VC Datasheet HTML 7Page - National Semiconductor (TI) 74F632VC Datasheet HTML 8Page - National Semiconductor (TI) 74F632VC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Functional Description (Continued)
TABLE II Parity Algorithm
Check Word
32-Bit Data Word
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
CB0
XX
XX
XX
X
X
X
X
X X X X
X
X
CB1
XXXXXX
X
X
XX
X
X
X
X X X
CB2
X
X
X
X
XX
XX
X
X
X X
X
X X
X
CB3
XXX
X
XX
XX
XXX
X X X
X X
CB4
XX
XXXXXX
X
X
X X X X X X
CB5
XXXXXXXX
XXXXXX X X
CB6
XXXXXXXX
X X X X X X X X
The seven check bits are parity bits derived from the matrix of data bits as indicated by X for each bit
TABLE III Error Function
Total Number of Errors
Error Flags
Data Correction
32-Bit Data Word
7-Bit Check Word
ERR
MERR
0
0
H
H
Not Applicable
1
0
L
H
Correction
0
1
L
H
Correction
1
1
L
L
Interrupt
2
0
L
L
Interrupt
0
2
L
L
Interrupt
H e HIGH Voltage Level
L e LOW Voltage Level
If the parity of one or more of the check groups is incorrect
an error has occurred and the proper error flag or flags will
be set LOW Any single error in the 32-bit data word will
change the state of either three or five bits of the 7-bit
check word Any single error in the 7-bit check word chang-
es the state of only that one bit In either case the single
error flag (ERR) will be set LOW while the dual error flag
(MERR) will remain HIGH
Any 2-bit error will change the state of an even number of
check bits The 2-bit error is not correctable since the parity
tree can only identify single-bit errors Both error flags are
set LOW when any 2-bit error is detected
Three or more simultaneous bit errors can cause the EDAC
to believe that no error a correctable error or an uncorrect-
able error has occurred and will produce erroneous results
in all three cases It should be noted that the gross-error
conditions of all LOWs and all HIGHs will be detected
As the corrected word is made available on the data IO
port (DB0 through DB31) the check word IO port (CB0
through CB6) presents a 7-bit syndrome error code This
syndrome error code can be used to locate the bad memory
chip See Table V for syndrome decoding
READ-MODIFY-WRITE (BYTE CONTROL) OPERATIONS
The ’F632 device is capable of byte-write operations The
39-bit word from memory must first be latched into the Data
Bit and Check Bit input latches This is easily accomplished
by switching from the read and flag mode (S1 e H S0 e L)
to the latch input mode (S1 e H S0 e H) The EDAC will
then make any corrections if necessary to the data word
and place it at the input of the output data latch This data
word must then be latched into the output data latch by
taking LEDBO from a LOW to a HIGH
Byte control can now be employed on the data word
through the OEB0 through OEB3 controls OEB0 controls
DB0–DB7 (byte 0) OEB1 controls DB8–DB15 (byte 1)
OEB2 controls DB16–DB23 (byte 2) and OEB3 controls
DB24–DB31 (byte 3) Placing a HIGH on the byte control will
disable the output and the user can modify the byte If a
LOW is placed on the byte control then the original byte is
allowed to pass onto the data bus unchanged If the original
data word is altered through byte control a new check word
must be generated before it is written back into memory
This is easily accomplished by taking controls S1 and S0
LOW Table VI lists the read-modify-write functions
DIAGNOSTIC OPERATIONS
The ’F632 is capable of diagnostics that allow the user to
determine whether the EDAC or the memory is failing The
diagnostic function tables will help the user to see the possi-
bilities for diagnostic control
In the diagnostic mode
(S1 e L S0 e H) the check word is latched into the input
latch while the data input latch remains transparent This
lets the user apply various data words against a fixed known
check word If the user applies a diagnostic data word with
an error in any bit location the ERR flag should be LOW If a
diagnostic data word with two errors in any bit location is
applied the MERR flag should be LOW After the check
word is latched into the input latch it can be verified by
taking OECB LOW This outputs the latched check word
The diagnostic data word can be latched into the output
data latch and verified By changing from the diagnostic
mode (S1 e L S0 e H) to the correction mode (S1 e H S0
e
H) the user can verify that the EDAC will correct the
diagnostic data word Also the syndrome bits can be pro-
duced to verify that the EDAC pinpoints the error location
Table VII lists the diagnostic functions
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14