| Moteur de recherche de fiches techniques de composants électroniques |
|
SS247ESTT Fiches technique(PDF) 5 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS247ESTT Fiches technique(HTML) 5 Page - SEC Electronics Inc. |
|
5 / 8 page ![]() SS247 CMOS Omnipolar High Sensitivity Micropower Hall Switch 5 V3.10 Nov 1, 2013 Operating Parameters: TA = 25°C, VDD=2.75VDC. PARAMETER Symbol Min Type Max Units Operating Point Bop - +/-35 +/-60 Gs Release Point Brp +/-5 +/-27 - Gs Hysteresis Bhys - 8 - Gs ESD Protection Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7 Parameter Symbol Limit Values Unit Notes Min Max ESD Voltage VESD ±4 kV Performance Characteristics |