| Moteur de recherche de fiches techniques de composants électroniques |
|
SS119KSOT Fiches technique(PDF) 5 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS119KSOT Fiches technique(HTML) 5 Page - SEC Electronics Inc. |
|
5 / 6 page ![]() SS119 Unipolar Hall-Effect Digital Switch 5 V3.10 Nov 1, 2013 Application Information Package Information Package UA, 3-Pin SIP: 4.0 ± 0.01 1 2 3 1.27 2.13 1.87 1.00 1.20 45° ± 1° 3° ± 1° 0.44± 0.01 0.05 ± 0.05 0.84(Nom) 3° ± 1° 6° ± 1° 6° ± 1° 3° ± 1° Active Area Depth: Sensor Location 1 2 3 Notes: 1). Controlling dimension : mm ; 2). Leads must be free of flash and plating voids ; 3). Do not bend leads within 1 mm of lead to package interface ; 4). PINOUT: Pin 1 VDD Pin 2 GND Pin 3 Output 0.39± 0.01 0.38 ± 0.01 2.54 |