| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD720100AGM-8EY Fiches technique(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD720100AGM-8EY Fiches technique(HTML) 18 Page - NEC |
|
18 / 32 page ![]() Data Sheet S15535EJ2V0DS 18 µµµµPD720100A System Clock Ratings Parameter Symbol Condition MIN. TYP. MAX. Unit X’tal −500 ppm 30 +500 ppm MHz Clock frequency fCLK Oscillator block −500 ppm 48 +500 ppm MHz Clock Duty cycle tDUTY 40 50 60 % Remarks 1. Recommended accuracy of clock frequency is ± 100 ppm. 2. Required accuracy of X’tal or Oscillator block is including initial frequency accuracy, the spread of X’tal capacitor loading, supply voltage, temperature, and aging, etc. |