| Moteur de recherche de fiches techniques de composants électroniques |
|
PARTNUMBER13 Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PARTNUMBER13 Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 31 page ![]() SN54LVT18502 3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS SCBS669 – JULY 1996 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 parallel-signature analysis (PSA) Data appearing at the selected device input-mode I/O pins is compressed into a 36-bit parallel signature in the shift-register elements of the selected BSCs on each rising edge of TCK. Data in the shadow latches of the selected output-mode BSCs remains constant and is applied to the associated device I/O pins. Figures 7 and 8 show the 36-bit linear-feedback shift-register algorithms through which the signature is generated. An initial seed value should be scanned into the BSR before performing this operation. = 1B8-I/O 1B7-I/O 1B6-I/O 1B5-I/O 1B4-I/O 1B3-I/O 1B2-I/O 1B1-I/O 1B9-I/O 1A7-I/O 1A6-I/O 1A5-I/O 1A4-I/O 1A3-I/O 1A2-I/O 1A1-I/O 1A8-I/O 1A9-I/O 2A7-I/O 2A6-I/O 2A5-I/O 2A4-I/O 2A3-I/O 2A2-I/O 2A1-I/O 2A8-I/O 2A9-I/O 2B8-I/O 2B7-I/O 2B6-I/O 2B5-I/O 2B4-I/O 2B3-I/O 2B2-I/O 2B1-I/O 2B9-I/O = Figure 7. 36-Bit PSA Configuration (1OEAB = 2OEAB = 0, 1OEBA = 2OEBA = 1) |