Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PARTNUMBER14 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce PARTNUMBER14
Description  3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

PARTNUMBER14 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button PARTNUMBER14 Datasheet HTML 17Page - Texas Instruments PARTNUMBER14 Datasheet HTML 18Page - Texas Instruments PARTNUMBER14 Datasheet HTML 19Page - Texas Instruments PARTNUMBER14 Datasheet HTML 20Page - Texas Instruments PARTNUMBER14 Datasheet HTML 21Page - Texas Instruments PARTNUMBER14 Datasheet HTML 22Page - Texas Instruments PARTNUMBER14 Datasheet HTML 23Page - Texas Instruments PARTNUMBER14 Datasheet HTML 24Page - Texas Instruments PARTNUMBER14 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SN54LVT18502
3.3-V ABT SCAN TEST DEVICE
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS669 – JULY 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
simultaneous PSA and binary count up (PSA/COUNT)
Data appearing at the selected device input-mode I/O pins is compressed into an 18-bit parallel signature in
the shift-register elements of the selected input-mode BSCs on each rising edge of TCK. At the same time, an
18-bit binary count-up pattern is generated in the shift-register elements of the selected output-mode BSCs on
each rising edge of TCK, updated in the shadow latches, and applied to the associated device I/O pins on each
falling edge of TCK. Figures 11 and 12 show the 18-bit linear-feedback shift-register algorithms through which
the signature is generated. An initial seed value should be scanned into the BSR before performing this
operation.
1B8-I/O
1B7-I/O
1B6-I/O
1B5-I/O
1B4-I/O
1B3-I/O
1B2-I/O
1B1-I/O
1B9-I/O
1A7-I/O
1A6-I/O
1A5-I/O
1A4-I/O
1A3-I/O
1A2-I/O
1A1-I/O
1A8-I/O
1A9-I/O
2A7-I/O
2A6-I/O
2A5-I/O
2A4-I/O
2A3-I/O
2A2-I/O
2A1-I/O
2A8-I/O
2A9-I/O
2B8-I/O
2B7-I/O
2B6-I/O
2B5-I/O
2B4-I/O
2B3-I/O
2B2-I/O
2B1-I/O
2B9-I/O
MSB
LSB
=
=
Figure 11. 18-Bit PSA/COUNT Configuration (1OEAB = 2OEAB = 0, 1OEBA = 2OEBA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31