| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS73ADE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS73ADE4 Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 17 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9675101QCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9675101QC A SNJ54LS73AJ 5962-9675101QDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9675101QD A SNJ54LS73AW 5962-9675101QDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9675101QD A SNJ54LS73AW SN54LS73AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS73AJ SN54LS73AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS73AJ SN7473N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7473N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7473N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7473N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS73AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS73A SN74LS73AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS73AN |