Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4244 Fiches technique(PDF) 21 Page - Cirrus Logic

No de pièce CS4244
Description  4 In/4 Out Audio CODEC with PCM and TDM Interfaces
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4244 Fiches technique(HTML) 21 Page - Cirrus Logic

Back Button CS4244 Datasheet HTML 17Page - Cirrus Logic CS4244 Datasheet HTML 18Page - Cirrus Logic CS4244 Datasheet HTML 19Page - Cirrus Logic CS4244 Datasheet HTML 20Page - Cirrus Logic CS4244 Datasheet HTML 21Page - Cirrus Logic CS4244 Datasheet HTML 22Page - Cirrus Logic CS4244 Datasheet HTML 23Page - Cirrus Logic CS4244 Datasheet HTML 24Page - Cirrus Logic CS4244 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
DS900F2
21
CS4244
SWITCHING SPECIFICATIONS - CONTROL PORT
Test conditions (unless otherwise specified): Inputs: Logic 0 = GND = 0 V, Logic 1 = VL; SDA load capacitance equal to maxi-
mum value of Cb specified below (Note 30).
Notes:
30. All specifications are valid for the signals at the pins of the CS4244 with the specified load capacitance.
31. 2 ms + (3000/MCLK). See Section 4.2.1.
32. Data must be held for sufficient time to bridge the transition time, tf, of SCL.
Parameters
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
550
kHz
RESET Rising Edge to Start
tirs
(Note 31)
-ns
Bus Free Time Between Transmissions
tbuf
1.3
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
0.6
-
µs
Clock Low time
tlow
1.3
-
µs
Clock High Time
thigh
0.6
-
µs
Setup Time for Repeated Start Condition
tsust
0.6
-
µs
SDA Input Hold Time from SCL Falling
(Note 32)
thddi
00.9
µs
SDA Output Hold Time from SCL Falling
thddo
0.2
0.9
µs
SDA Setup time to SCL Rising
tsud
100
-
ns
Rise Time of SCL and SDA
tr
-300
ns
Fall Time SCL and SDA
tf
-300
ns
Setup Time for Stop Condition
tsusp
0.6
-
µs
SDA Bus Load Capacitance
Cb
-400
pF
SDA Pull-Up Resistance
Rp
500
-
t buf
t hdst
t hdst
t
low
t r
t f
t
hdd
t high
t sud
tsust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
t irs
RST
Figure 8. I²C Control Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com