| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8595 Fiches technique(PDF) 79 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8595 Fiches technique(HTML) 79 Page - Wolfson Microelectronics plc |
|
79 / 82 page ![]() Production Data WM8595 w PD, Rev 4.2, January 2011 79 RECOMMENDED ANALOGUE LOW PASS FILTER Ω Ω Ω Ω Figure 69 Recommended Analogue Low Pass Filter (shown for VOUT1L/R) Note: See WAN0176 for AC coupling capacitor selection information. An external single pole RC filter is recommended (see Figure 69) if the device is driving a wideband amplifier. Other filter architectures may provide equally good results. RELEVANT APPLICATION NOTES The following application notes, available from www.wolfsonmicro.com, may provide additional guidance for the use of the WM8595. DEVICE PERFORMANCE: WAN0129 – Decoupling and Layout Methodology for Wolfson DACs, ADCs and CODECs WAN0144 – Using Wolfson Audio DACs and CODECs with Noisy Supplies WAN0176 – AC Coupling Capacitor Selection GENERAL: WAN0108 – Moisture Sensitivity Classification and Plastic IC Packaging WAN0109 – ESD Damage in Integrated Circuits: Causes and Prevention WAN0158 – Lead-Free Solder Profiles for Lead-Free Components |