Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS74ADRG4 Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LS74ADRG4
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS74ADRG4 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button SN74LS74ADRG4 Datasheet HTML 8Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 9Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 10Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 11Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 12Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 13Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 14Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 15Page - Texas Instruments SN74LS74ADRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 6
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN5474, SN54LS74A, SN54LS74A-SP, SN54S74, SN7474, SN74LS74A, SN74S74 :
• Catalog: SN7474, SN74LS74A, SN54LS74A, SN74S74
• Military: SN5474, SN54LS74A, SN54S74
• Space: SN54LS74A-SP
NOTE: Qualified Version Definitions:
• Catalog - TI's standard catalog product
• Military - QML certified for Military and Defense Applications
• Space - Radiation tolerant, ceramic packaging and qualified for use in Space-based application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23