Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP8392CV Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP8392CV
Description  CTI Coaxial Transceiver Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8392CV Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8392CV Datasheet HTML 2Page - National Semiconductor (TI) DP8392CV Datasheet HTML 3Page - National Semiconductor (TI) DP8392CV Datasheet HTML 4Page - National Semiconductor (TI) DP8392CV Datasheet HTML 5Page - National Semiconductor (TI) DP8392CV Datasheet HTML 6Page - National Semiconductor (TI) DP8392CV Datasheet HTML 7Page - National Semiconductor (TI) DP8392CV Datasheet HTML 8Page - National Semiconductor (TI) DP8392CV Datasheet HTML 9Page - National Semiconductor (TI) DP8392CV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
60 Pin Descriptions (Continued)
For the PLCC packaged DP8392 it is recommended that a
small printed circuit board VEE plane be connected to pins
5 – 11 and a second one be connected to pins 20 – 25 To
reduce the thermal resistance to the required value the
area of the plane on EACH set of pins should be t020 in2
for applications with low transmitter duty cycle and t04 in2
for high transmit duty cycle applications
Figure 7 illustrates
a recommended component side layout for these planes
TLF11085 – 14
Layout as viewed from component side
FIGURE 6 Typical Layout Considerations
for DP8392CN
(Not to Scale)
TLF11085 – 15
FIGURE 7 Recommended Layout and Dissipation Planes for DP8392CV (Not to Scale)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12