Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FKC08 Fiches technique(PDF) 3 Page - Power Mate Technology Co., LTD

No de pièce FKC08
Description  2:1 WIDE INPUT RANGE UP TO 8 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  P-DUKE [Power Mate Technology Co., LTD]
Site Internet  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC08 Fiches technique(HTML) 3 Page - Power Mate Technology Co., LTD

  FKC08_15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC08_15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC08_15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FKC08
3
www.PDUKE.com
2015/8/28
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI(1)
EN55022
Class A,Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power frequency magnetic field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
Note:
1.
The standard modules meet EMI Class A or Class B with external components. For further information, please contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter Power Mate suggests: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
FKC08-48S05 Derating Curve
FKC08-48S05 Efficiency vs. Input Voltage
FKC08-48S05 Efficiency vs. Output Load
MECHANICAL DRAWING
DIP type
PIN CONNECTION
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
1
Ctrl
Ctrl
2
-Vin
-Vin
23
+Vin
+Vin
3
-Vin
-Vin
22
+Vin
+Vin
9
NC
Common
16
-Vout
Common
11
NC
-Vout
14
+Vout
+Vout
SMD type
PIN CONNECTION
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
1
Ctrl
Ctrl
2
-Vin
-Vin
23
+Vin
+Vin
3
-Vin
-Vin
22
+Vin
+Vin
9
NC
Common
16
-Vout
Common
11
NC
-Vout
14
+Vout
+Vout
Others
NC
NC
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com