| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74155N3 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74155N3 Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 22 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9750801QEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9750801QE A SNJ54LS155AJ 5962-9750801QFA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9750801QF A SNJ54LS155AW 5962-9750801QFA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9750801QF A SNJ54LS155AW SN54155J OBSOLETE CDIP J 16 TBD Call TI Call TI -55 to 125 SN54155J OBSOLETE CDIP J 16 TBD Call TI Call TI -55 to 125 SN54LS155AJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS155AJ SN54LS155AJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS155AJ SN54LS156J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS156J SN54LS156J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS156J SN74155N OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74155N OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74155N3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74155N3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74156N OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74156N OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS155AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155ADG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155ADG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A |