Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74155N Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce SN74155N
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74155N Fiches technique(HTML) 13 Page - Texas Instruments

Back Button SN74155N Datasheet HTML 9Page - Texas Instruments SN74155N Datasheet HTML 10Page - Texas Instruments SN74155N Datasheet HTML 11Page - Texas Instruments SN74155N Datasheet HTML 12Page - Texas Instruments SN74155N Datasheet HTML 13Page - Texas Instruments SN74155N Datasheet HTML 14Page - Texas Instruments SN74155N Datasheet HTML 15Page - Texas Instruments SN74155N Datasheet HTML 16Page - Texas Instruments SN74155N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS155ADR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74LS156DR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74LS156NSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22