Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXFP20N85X Fiches technique(PDF) 6 Page - IXYS Corporation

No de pièce IXFP20N85X
Description  X-Class HiPerFETTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP20N85X Fiches technique(HTML) 6 Page - IXYS Corporation

  IXFP20N85X Datasheet HTML 1Page - IXYS Corporation IXFP20N85X Datasheet HTML 2Page - IXYS Corporation IXFP20N85X Datasheet HTML 3Page - IXYS Corporation IXFP20N85X Datasheet HTML 4Page - IXYS Corporation IXFP20N85X Datasheet HTML 5Page - IXYS Corporation IXFP20N85X Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA20N85XHV
IXFP20N85X
IXFH20N85X
IXYS REF: F_20N85X(S5-D901) 2-09-16
TO-220 Outline
1 = Gate
2,4 = Drain
3 = Source
E
e
Q
L
H1
L1
D1
e1
A2
A1
(D2)
(E1)
c
4
EJECTOR
PIN
1 2 3
3X b2
3X b
A
D
0P
TO-247 Outline
S
T
U
R
E
0P
E2
b2
b4
L1
A2
E2/2
Q
D
BOTTOM FLATNESS
b
c
e
L
A1
1
2
3
A
4
W
1 = Gate
2,4 = Drain
3 = Source
1 = Gate
2 = Source
3 = Drain
TO-263HV Outline



Html Pages

1 2 3 4 5 6