| Moteur de recherche de fiches techniques de composants électroniques |
|
CPC5601 Fiches technique(PDF) 13 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC5601 Fiches technique(HTML) 13 Page - IXYS Corporation |
|
13 / 15 page ![]() INTEGRATED CIRCUITS DIVISION CPC5601 R04 www.ixysic.com 13 4. Regulatory Information CPC5601 can be used to build products that comply with the requirements of TIA/EIA/IS-968 (formerly FCC part 68), FCC part 15B, TBR-21, EN60950, UL1950, EN55022B, IEC950/IEC60950, CISPR22B, EN55024, and many other standards. CPC5601 com- plies with the requirements of UL1577. CPC5601 pro- vides supplementary isolation. Metallic surge requirements are met through the inclusion of a Sidac- tor in the application circuit. Longitudinal surge protec- tion is provided by CPC5601’s optical-across-the- barrier technology and the use of high-voltage compo- nents in the application circuit as needed. The information provided in this document is intended to inform the equipment designer but it is not sufficient to assure proper system design or regulatory compli- ance. Since it is the equipment manufacturer's respon- sibility to have their equipment properly designed to conform to all relevant regulations, designers using CPC5601 are advised to carefully verify that their end- product design complies with all applicable safety, EMC, and other relevant standards and regulations. Semiconductor components are not rated to withstand electrical overstress or electro-static discharges result- ing from inadequate protection measures at the board or system level. 5. LITELINK Design Resources 5.1 Clare Design Resources The IXYS Integrated Circuits Division web site has a wealth of information useful for designing with LITE- LINK, including application notes and reference designs that already meet all applicable regulatory requirements. LITELINK data sheets also contains additional application and design information. See the following links: LITELINK datasheets and reference designs Application note AN-107 LOCxx Series - Isolated Ampli- fier Design Principles Application note AN-114 ITC117P Application note AN-117 Customize Caller-ID Gain and Ring Detect Voltage Threshold for CPC5610/11 Application note AN-140, Understanding LITELINK Application note AN-141, Enhanced Pulse Dialing with LITELINK Application note AN-143, Loop Reversal Detection with LITELINK Application note AN-146, Guidelines for Effective LITE- LINK Designs Application note AN-147, Worldwide Application of LITE- LINK Application note AN-149, Increased LITELINK II Transmit Power Application note AN-150, Ground-start Supervision Cir- cuit Using IAA110 5.2 Third Party Design Resources The following also contain information useful for LITE- LINK designs. All of the books are available on ama- zon.com. Understanding Telephone Electronics, Stephen J. Big- elow, et. al., Butterworth-Heinenman; ISBN: 0750671750. Newton’s Telecom Dictionary, Harry Newton, CMP Books; ISBN: 1578200695. Photodiode Amplifiers: Op Amp Solutions, Jerald Graeme, McGraw-Hill Professional Publishing; ISBN: 007024247X Teccor, Inc. Surge Protection Products United States Code of Federal Regulations, CFR 47 Part 68.3. |