| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB1282 Fiches technique(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB1282 Fiches technique(HTML) 16 Page - ATMEL Corporation |
|
16 / 35 page ![]() 16 AT45DB1282 2472C–DFLSH–11/03 Input Test Waveforms and Measurement Levels tR, tF < 2 ns (10% to 90%) Output Test Load AC Characteristics – Rapid8 8-bit Interface Symbol Parameter Min Typ Max Units f SCK1 CLK Frequency 20 MHz f CAR1 CLK Frequency for Continuous Array Read 20 MHz tWH CLK High Time 16 ns tWL CLK Low Time 16 ns tCS Minimum CS High Time 250 ns tCSS CS Setup Time 250 ns t CSH CS Hold Time 250 ns t CSB CS High to RDY/BUSY Low 150 ns t SU Data In Setup Time 10 ns tH Data In Hold Time 10 ns tHO Output Hold Time 3 ns tDIS Output Disable Time 15 ns t V Output Valid 15 ns t XFR Page to Buffer Transfer/Compare Time 500 µs t P Page Programming Time 50 ms tFP Fast Page Programming Time 15 ms tPE Page Erase Time 25 ms tBE Block Erase Time 50 ms tRST RESET Pulse Width 10 µs t REC RESET Recovery Time 1 µs AC DRIVING LEVELS AC MEASUREMENT LEVEL 0.45V 1.5V 2.4V DEVICE UNDER TEST 30 pF |