Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR03BUJ-R2 Fiches technique(PDF) 20 Page - Analog Devices

No de pièce ADR03BUJ-R2
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR03BUJ-R2 Fiches technique(HTML) 20 Page - Analog Devices

Back Button ADR03BUJ-R2 Datasheet HTML 12Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 13Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 14Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 15Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 16Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 17Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 18Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 19Page - Analog Devices ADR03BUJ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 20 of 20
ADR03 ORDERING GUIDE
Output
Voltage
Initial
Accuracy
Temperature
Coefficient
Model
VO (V)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Top
Mark1
Number of
Parts per
Reel/Tray
Temperature
Range (°C)
ADR03AR
2.5
5
0.2
10
SOIC-8
R-8
ADR03
98
–40 to +125
ADR03AR-REEL7
2.5
5
0.2
10
SOIC-8
R-8
ADR03
1,000
–40 to +125
ADR03BR
2.5
2.5
0.1
3
SOIC-8
R-8
ADR03
98
–40 to +125
ADR03BR-REEL7
2.5
2.5
0.1
3
SOIC-8
R-8
ADR03
1,000
–40 to +125
ADR03AUJ-REEL7
2.5
5
0.2
25
TSOT-23-5
UJ-5
RFA
3,000
–40 to +125
ADR03AUJ-R2
2.5
5
0.2
25
TSOT-23-5
UJ-5
RFA
250
–40 to +125
ADR03BUJ-REEL7
2.5
2.5
0.1
9
TSOT-23-5
UJ-5
RFB
3,000
–40 to +125
ADR03BUJ-R2
2.5
2.5
0.1
9
TSOT-23-5
UJ-5
RFB
250
–40 to +125
ADR03AKS-REEL7
2.5
5
0.2
25
SC70
KS-5
RFA
3,000
–40 to +125
ADR03AKS-R2
2.5
5
0.2
25
SC70
KS–5
RFA
250
–40 to +125
ADR03BKS–REEL7
2.5
2.5
0.1
9
SC70
KS–5
RFB
3,000
–40 to +125
ADR03BKS–R2
2.5
2.5
0.1
9
SC70
KS–5
RFB
250
–40 to +125
ADR03BKSZ–REEL72
2.5
2.5
0.1
9
SC70
KS–5
RFB
3,000
–40 to +125
ADR03CRZ2
2.5
5
0.1
40
SOIC-8
R-8
ADR02
98
–40 to +125
ADR03CRZ-REEL2
2.5
5
0.1
40
SOIC-8
R-8
ADR02
2500
–40 to +125
1 First line shows part number ADR03; second line shows A or B for the grade, with the YYMM date code; third line shows the lot number.
2 Z = Pb-free part.
ADR06 ORDERING GUIDE
Output
Voltage
Initial
Accuracy
Temperature
Coefficient
Model
VO (V)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Top
Mark1
Number of
Parts per
Reel/Tray
Temperature
Range (°C)
ADR06AR
3.0
6
0.2
10
SOIC-8
R-8
ADR06
98
–40 to +125
ADR06AR-REEL7
3.0
3
0.2
10
SOIC-8
R-8
ADR06
1,000
–40 to +125
ADR06BR
3.0
6
01
3
SOIC-8
R-8
ADR06
98
–40 to +125
ADR06BR-REEL7
3.0
3
0.1
3
SOIC-8
R-8
ADR06
1,000
–40 to +125
ADR06AUJ-R2
3.0
6
0.2
25
TSOT-23-5
UJ-5
RWA
250
–40 to +125
ADR06AUJ-REEL7
3.0
6
0.2
25
TSOT-23-5
UJ-5
RWA
3,000
–40 to +125
ADR06BUJ–R2
3.0
3
0.1
9
TSOT-23-5
UJ-5
RWB
250
–40 to +125
ADR06BUJ-REEL7
3.0
3
0.1
9
TSOT-23-5
UJ-5
RWB
3,000
–40 to +125
ADR06AKS-R2
3.0
6
0.2
25
SC70
KS-5
RWA
250
–40 to +125
ADR06AKS-REEL7
3.0
6
0.2
25
SC70
KS–5
RWA
3,000
–40 to +125
ADR06BKS-R2
3.0
3
0.1
9
SC70
KS-5
RWB
250
–40 to +125
ADR06BKS–REEL7
3.0
3
0.1
9
SC70
KS–5
RWB
3,000
–40 to +125
ADR06CRZ2
3.0
6
0.2
40
SOIC-8
R-8
ADR06
98
–40 to +125
ADR06CRZ-REEL2
3.0
6
0.2
40
SOIC-8
R-8
ADR06
2500
–40 to +125
1 First line shows part number ADR06; second line shows A or B for the grade, with the YYMM date code; third line shows the lot number.
2 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02747–0–7/04(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20