Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP8390 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 3Page - National Semiconductor (TI) DP8390 Datasheet HTML 4Page - National Semiconductor (TI) DP8390 Datasheet HTML 5Page - National Semiconductor (TI) DP8390 Datasheet HTML 6Page - National Semiconductor (TI) DP8390 Datasheet HTML 7Page - National Semiconductor (TI) DP8390 Datasheet HTML 8Page - National Semiconductor (TI) DP8390 Datasheet HTML 9Page - National Semiconductor (TI) DP8390 Datasheet HTML 10Page - National Semiconductor (TI) DP8390 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
60 Direct Memory Access Control (DMA) (Continued)
Dual Bus System
TLF8582 – 55
32-Bit DMA Operation
TLF8582 – 6
70 Packet Reception
The Local DMA receive channel uses a Buffer Ring Struc-
ture comprised of a series of contiguous fixed length 256
byte (128 word) buffers for storage of received packets The
location of the Receive Buffer Ring is programmed in two
registers a Page Start and a Page Stop Register Ethernet
packets consist of a distribution of shorter link control pack-
ets and longer data packets the 256 byte buffer length pro-
vides a good compromise between short packets and long-
er packets to most efficiently use memory In addition these
buffers provide memory resources for storage of back-to-
back packets in loaded networks The assignment of buffers
NIC Receive Buffer Ring
TLF8582 – 7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56