| Moteur de recherche de fiches techniques de composants électroniques |
|
SMTR2812S/KR Fiches technique(PDF) 4 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMTR2812S/KR Fiches technique(HTML) 4 Page - Interpoint Corporation Company |
|
4 / 14 page ![]() MODEl NUMbERINg kEy SMTR 28 05 D F / K R Base Model Input Voltage Output Voltage Screening Radiation Hardness Assurance (RHA) Number of Outputs Case Option ("F" indicates flanged option, non-flanged case has no designator in this position) (S=single, D=dual) SMD NUMbERS Standard Microcircuit drawing (SMd) SMtr SiMilar Part 5962R0150102KXC SMTR283R3S/KR 5962R9306802KXC SMTR2805S/KR 5962R9306902KXC SMTR2812S/KR 5962R9307002KXC SMTR2815S/KR 5962R9320502KXC SMTR2805D/KR 5962R9307102KXC SMTR2812D/KR 5962R9307202KXC SMTR2815D/KR To indicate the flanged case option change the “X” to “Z” In the SMD number. The SMD number shown is for Class K screening, non-flanged, and radiation hardness assurance (RHA) level R. See the SMD for the numbers for other screening and radiation levels. For exact specifications for an SMD product, refer to the SMD drawing. SMDs can be downloaded from: http://www.landandmaritime.dla.mil/programs/smcr/ MODEl NUMbER OPTIONS to deterMine the Model nuMber enter one oPtion froM each category in the forM below . CATEgORy base Model and Input Voltage Output Voltage 1 Number of Outputs 2 Case Options 3 Screening 4 RHA 5 OPTIONS SMTR 3R3, 05, 12, 15 S (non-flanged, leave blank) O O 05, 12, 15 D F (flanged) H P K L R FIll IN FOR MODEl # SMTR __________ __________ _______ / _______ Notes 1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out. The 3R3 is only available in single output models. 2. Number of Outputs: S is a single output and D is a dual output 3. Case Options: For the standard case (Figure 23 on page 11) leave the case option blank. For the flanged case option (Figure 24 on page 12), insert the letter F in the Case Option position. 4. Screening: A screening level of O is a Space Prototype and is only available with RHA O. See Table 9 on page 13 and Table 10 on page 14 for more information. 5. RHA: Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) RHA level of MIL-PRF-38534, which is defined as “no RHA.” RHA O is only available with Screening level O. See Table 10 on page 14 for more information. Figure 5: moDel numbering Key table 3: SmD numberS table 4: moDel number optionS Crane Aerospace & Electronics Power Solutions www.craneae.com/interpoint Page 4 of 14 SMTR Single and Dual DC-DC Converters 28 Volt input – 30 Watt SMTR Rev AC - 2015.10.14 |