| Moteur de recherche de fiches techniques de composants électroniques |
|
SMFL2805S/KR Fiches technique(PDF) 14 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMFL2805S/KR Fiches technique(HTML) 14 Page - Interpoint Corporation Company |
|
14 / 15 page ![]() table 9: element eValuatiOn Table is for reference only. See individual Series' datasheets for specific screening. table 3: element eValuatiOn SPace Dc-Dc cOnVerterS PrOtOtyPe, claSS h anD claSS K eLeMent eVaLuation SPace dc-dc conVerterS PrototyPe, cLaSS h and cLaSS K non -QML 1 QML PrototyPe cLaSS h cLaSS K coMPonent-LeVeL teSt PerForMed /o /h /K M/S 2 M/S 2 P 3 M/S 2 P 3 Element Electrical n n n n n Visual n n n n Internal Visual n n Temperature Cycling n n Constant Acceleration n n Interim Electrical n Burn-in n Post Burn-in Electrical n Steady State Life n Voltage Conditioning Aging n Visual Inspection n Final Electrical n n n n Wire Bond Evaluation n n n n SEM n Notes 1. Non-QML products may not meet all of the requirements of MIL-PRF-38534. 2. M/S = Active components (microcircuit and semiconductor die) 3. P = Passive components, Class H and K element evaluation. Not applicable to space prototype (“O”) element evaluation. Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SEM: scanning electron microscopy Crane Aerospace & Electronics Power Solutions www.craneae.com/interpoint Page 14 of 15 sMFL single and dual dc-dc converters 28 VoLt input – 65 Watt SMFL Rev AC - 2016.02.17 |