| Moteur de recherche de fiches techniques de composants électroniques |
|
SLH28 Fiches technique(PDF) 11 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SLH28 Fiches technique(HTML) 11 Page - Interpoint Corporation Company |
|
11 / 12 page ![]() Table is for reference only. See individual Series' datasheets for specific screening. TABLE 3: ELEMENT EVALUATION SPACE DC-DC CONVERTERS PROTOTYPE, CLASS H AND CLASS K ELEMENT EVALUATION SPACE DC-DC CONVERTERS PROTOTYPE, CLASS H AND CLASS K NON -QML 1 QML PROTOTYPE CLASS H CLASS K COMPONENT-LEVEL TEST PERFORMED /O /H /K M/S 2 M/S 2 P 3 M/S 2 P 3 Element Electrical n n n n n Visual n n n n Internal Visual n n Temperature Cycling n n Constant Acceleration n n Interim Electrical n Burn-in n Post Burn-in Electrical n Steady State Life n Voltage Conditioning Aging n Visual Inspection n Final Electrical n n n n Wire Bond Evaluation n n n n SEM n notes 1. non-QML products may not meet all of the requirements of MIL-PRF-38534. 2. M/S = Active components (microcircuit and semiconductor die) 3. P = Passive components, Class H and K element evaluation. not applicable to space prototype (“O”) element evaluation. Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SEM: scanning electron microscopy tabLe 8: eLement evaLuation Crane Aerospace & Electronics Power Solutions SLH Single and Dual DC-DC Converters 28 VoLt input – 1.5 Watt Page 11 of 12 www.craneae.com/interpoint SLH Rev AB - 2015.10.22 |