| Moteur de recherche de fiches techniques de composants électroniques |
|
MTR50 Fiches technique(PDF) 6 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MTR50 Fiches technique(HTML) 6 Page - Interpoint Corporation Company |
|
6 / 20 page ![]() MODel NuMberINg key MTR 28 12 D F / 883 Base Model Input Voltage Output Voltage Screening Number of Outputs Case Option ("F" indicates flanged option, non-flanged case has no designator in this position) (S = single, D = dual) (Standard screening has no designator in this position.) Figure 7: MoDeL nuMbering key tabLe 3: sMD nuMber Cross reFerenCe Figure 8: Cover Marking For Mtr (50) - 50 vin tabLe 4: MoDeL nuMber options MODel NuMber OPtIONs tO determine the mOdel number enter One OptiOn frOm each categOry in the fOrm belOw. CategOry base Model and Input Voltage Output Voltage 1 Number of Outputs 2 Case Options 3 screening 4 OPtIONs MTR28 3R3,05,8R5,12,15 S (non-flanged,leaveblank) (standard,leaveblank) 05,12,15 D F(flanged) ES 883 FIll IN FOr MODel # MTR28 / Notes 1.OutputVoltage:AnRindicatesadecimalpoint.3R3is3.3voltsout.Thevaluesof3.3and8.5voltsareonlyavailableinsingleoutputmodels. 2.NumberofOutputs:SisasingleoutputandDisadualoutput. 3.CaseOptions:Forthestandardcase,Figure30onpage17,leavethecaseoptionblank.Fortheflangedcaseoption,Figure31onpage18,inserttheletter FintheCaseOptionposition. 4.Screening:Forstandardscreeningleavethescreeningoptionblank.Forotherscreeningoptions,insertthedesiredscreeninglevel.Formoreinformationsee Table9onpage19andTable10onpage20. sMD NuMbers Standard micrOcircuit drawing (Smd) mtr Similar part 5962-0150103HXC MTR283R3S/883 5962-9306803HXC MTR2805S/883 5962-9306903HXC MTR2812S/883 5962-9307003HXC MTR2815S/883 5962-9320503HXC MTR2805D/883 5962-9307103HXC MTR2812D/883 5962-9307203HXC MTR2815D/883 Toindicatetheflangedcaseoptionchangethe“X”to“Z”In theSMDnumber.TheSMDnumbershownisforClassH screening,non-flanged.ForexactspecificationsforanSMD product,refertotheSMDdrawing.SMDscanbedownloaded fromhttp://www.landandmaritime.dla.mil/programs/smcr MTR2805S CAGE 50821 INTERPOINT MTR (50) DC-DC CONVERTER B SN DC CRANE AEROSPACE & ELECTRONICS TWN Crane Aerospace & Electronics Power Solutions Mtr (50) single and Dual DC-DC Converters 28 (16-50) VOlt INPut – 30 Watt www.craneae.com/interpoint Page6of20 MTR-02RevAE-2016.04.26 |