| Moteur de recherche de fiches techniques de composants électroniques |
|
MFL2805S/883 Fiches technique(PDF) 3 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MFL2805S/883 Fiches technique(HTML) 3 Page - Interpoint Corporation Company |
|
3 / 14 page ![]() Figure 2: parallel connectionS – Single output moDelS 1 Positive Input Input Common TRI INH1 Sync Out Sync In 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 CONNECT TRI ONLY WHEN 2 SLAVES ARE USED 12 11 10 9 8 7 12 11 10 9 8 7 12 11 10 9 8 7 MSTR/INH2 Slave Pos. Sense Sense Return Output Common Positive Output MASTER SLAVE 1 SLAVE 2 28V – + Inhibit Sync In Positive Input Input Common TRI INH1 Sync Out Sync In MSTR/INH2 Slave Pos. Sense Sense Return Output Common Positive Output Positive Input Input Common TRI INH1 Sync Out Sync In MSTR/INH2 Slave Pos. Sense Sense Return Output Common Positive Output RL – + Notes 1. No one converter may carry more than its maximum rated current. 2. Individual converter operation, load and layout may affect the actual current shared. Contact applications Engineering for more information at powerapps@crane-eg.com. 3. When paralleling SMFLs a diode is required at the input of each inhibit pin as SMFLs do not have an internal diode on the inhibit pin. MFL single and dual dc-dc converters 28 VoLt input - 65 Watt www.craneae.com/interpoint Page 3 of 14 MFL Rev ad - 2016.02.19 Crane Aerospace & Electronics Power Solutions |