Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM355 Fiches technique(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Fiches technique(HTML) 78 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 74Page - Texas Instruments TMS320DM355 Datasheet HTML 75Page - Texas Instruments TMS320DM355 Datasheet HTML 76Page - Texas Instruments TMS320DM355 Datasheet HTML 77Page - Texas Instruments TMS320DM355 Datasheet HTML 78Page - Texas Instruments TMS320DM355 Datasheet HTML 79Page - Texas Instruments TMS320DM355 Datasheet HTML 80Page - Texas Instruments TMS320DM355 Datasheet HTML 81Page - Texas Instruments TMS320DM355 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
3.6
PLL Controller (PLLC)
This section describes the PLL Controllers for PLL1 and PLL2. See the TMS320DM35x Digital Media
System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3) for more
information on the PLL controllers.
3.6.1
PLL Controller Module
The DM355 has two PLL controllers that provide clocks to different components of the chip. PLL controller
1 (PLLC1) provides clocks to most of the components of the chip. PLL controller 2 (PLLC2) provides
clocks to the DDR PHY.
As a module, the PLL controller provides the following:
•
Glitch-free transitions (on changing PLL settings)
•
Domain clocks alignment
•
Clock gating
•
PLL bypass
•
PLL power down
The various clock outputs given by the PLL controller are as follows:
•
Domain clocks: SYSCLKn
•
Bypass domain clock: SYSCLKBP
•
Auxiliary clock from reference clock: AUXCLK
Various dividers that can be used are as follows:
•
Pre-PLL divider: PREDIV
•
Post-PLL divider: POSTDIV
•
SYSCLK divider: PLLDIV1, …, PLLDIVn
•
SYSCLKBP divider: BPDIV
Multipliers supported are as follows:
•
PLL multiplier control: PLLM
78
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More