Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83902AVF Fiches technique(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP83902AVF
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AVF Fiches technique(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83902AVF Datasheet HTML 62Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 63Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 64Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 65Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 66Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 67Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83902AVF Datasheet HTML 70Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
Link Pulse Timing
TLF11157 – 48
Symbol
Parameter
Min
Max
Units
tip
Time between Link Output Pulses
8
24
ms
tipw
Link Integrity Output Pulse Width
80
130
ns
TPI Transmit and End of Packet Timing
TLF11157 – 49
Symbol
Parameter
Min
Max
Units
tdel
Pre-Emphasis Output Delay
46
54
ns
(TXOg to TXOdg) (Note 1)
toff
Transmit Hold Time at End of Packet (TXOg) (Note 1)
250
ns
toffd
Transmit Hold Time at End of Packet (TXOdg) (Note 1)
200
ns
Note 1
This parameter is guaranteed by design and is not tested
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70