| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS5500IPAPR Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5500IPAPR Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 29 page ![]() ADS5500 SBAS303C − DECEMBER 2003 − REVISED MARCH 2004 www.ti.com 15 TYPICAL CHARACTERISTICS (continued) Typical values are at TA = 25°C, AVDD = DRVDD = 3.3V, differential input amplitude = −1dBFS, sampling rate = 125MSPS, and DLL On, unless otherwise noted. AC PERFORMANCE vs DIGITAL SUPPLY VOLTAGE 79 78 77 76 75 74 73 72 71 70 69 DRV DD (V) 3.0 3.1 3.2 3.3 3.4 3.5 3.6 f S = 125MSPS f IN = 150MHz AV DD =3.3V SNR SFDR AC PERFORMANCE vs DIGITAL SUPPLY VOLTAGE 84 82 80 78 76 74 72 70 DRV DD (V) 3.03.1 3.23.3 3.43.5 3.6 f S = 125MSPS f IN =70MHz AV DD =3.3V SNR SFDR POWER DISSIPATION vs SAMPLE RATE 850 800 750 700 650 600 550 500 Sample Rate (MSPS) 10 30 50 70 90 110 130 150 AV DD =DRVDD =3.3V f IN = 150MHz POWER DISSIPATION vs SAMPLING FREQUENCY 800 750 700 650 600 550 500 Sampling Frequency (MSPS) 10 20 30 40 50 60 70 80 90 100 110 120 f IN =70MHz DLL Off DLL On SIGNAL−TO−NOISE RATIO AND SPURIOUS−FREE DYNAMIC RANGE vs TEMPERATURE 90 85 80 75 70 65 60 Temperature ( _C) −40 0 25 40 85 SFDR SNR f S = 125MSPS f IN = 70MHz DLL On AC PERFORMANCE vs INPUT AMPLITUDE 90 80 70 60 50 40 30 20 10 0 −10 −20 −30 Input Amplitude (dBFS) −100 −90 −80 −70 −60 −50 −40 −30 −20 −10 0 SFDR (dBc) SNR (dBFS) SNR (dBc) f S = 125MSPS f IN =70MHz DLL On |