Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC101S101EVAL Fiches technique(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC101S101EVAL
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101EVAL Fiches technique(HTML) 18 Page - National Semiconductor (TI)

Back Button ADC101S101EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 18Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 19Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 20Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 21Page - National Semiconductor (TI) ADC101S101EVAL Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Applications Information (Continued)
If CS goes low before the rising edge of SCLK, an additional
(fourth) zero bit may be captured by the next falling edge of
SCLK.
3.0 ADC121S101/101S101/081S101 TRANSFER
FUNCTION
The output format of the ADC121S101/101S101/081S101 is
straight binary. Code transitions occur midway between suc-
cessive integer LSB values. The LSB widths for the
ADC121S101 is V
DD / 4096; for the ADC101S101 the LSB
width is V
DD / 1024; for the ADC081S101, the LSB width is
V
DD
/ 256. The ideal transfer characteristic for the
ADC121S101 and ADC101S101 is shown in Figure 6, while
the ideal transfer characteristic for the ADC081S101 is
shown in Figure 7.
20110211
FIGURE 7. ADC121S101/101S101 Ideal Transfer Characteristic
20110212
FIGURE 8. ADC081S101 Ideal Transfer Characteristic
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23