| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF7020 Fiches technique(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF7020 Fiches technique(HTML) 39 Page - Analog Devices |
|
39 / 40 page ![]() Preliminary Technical Data ADF7020 Rev. PrH | Page 39 of 40 REGISTER 13—OFFSET REMOVAL AND SIGNAL GAIN REGISTER KP KI CONTROL BITS PULSE EXTENSION TEST DAC GAIN TEST DAC OFFSET REMOVAL PE4 0 0 0 . . . 1 PE3 0 0 0 . . . 1 PE2 0 0 1 . . . 1 PULSE EXTENSION NORMAL PULSE WIDTH 2 × PULSE WIDTH 3 × PULSE WIDTH . . . 16 × PULSE WIDTH PE1 0 1 0 . . . 1 Figure 41. Note: 1. Because the linear demodulator’s output is proportional to frequency, it usually consists of an offset combined with a relatively low signal. The offset can be removed, up to a maximum of 1.0 and gained to use the full dynamic range of the DAC: DAC_input = (2^ Test_DAC_Gain) × (Signal − Test_DAC_Offset_Removal/4096) |