| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7751 Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7751 Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() REV. 0 ADE7751 –7– Typical Performance Characteristics– AMPS –0.50 0.01 0.10 1.00 10.0 100 –0.40 –0.30 –0.20 –0.10 0.00 0.10 0.20 0.30 0.40 0.50 PF = 1 GAIN = 1 ON-CHIP REFERENCE –40 C +25 C +85 C TPC 1. Error as a % of Reading (Gain = 1) AMPS 0.25 0.00 0.01 100 0.1 110 0.20 0.15 0.10 0.05 –0.05 PF = 1 GAIN = 2 ON-CHIP REFERENCE +85 C –40 C +25 C TPC 2. Error as a % of Reading (Gain = 2) AMPS 0.20 –0.10 0.01 0.1 110 0.15 0.10 0.05 0.00 –0.15 PF = 1 GAIN = 8 ON-CHIP REFERENCE –0.05 100 +85 C +25 C –40 C TPC 3. Error as a % of Reading (Gain = 8) AMPS 0.60 –0.60 0.01 0.1 110 0.40 0.20 0.00 –0.20 –0.80 PF = 1 GAIN = 16 ON-CHIP REFERENCE –0.40 100 +85 C PF = 1 +25 C PF = 1 –40 C PF = 1 TPC 4. Error as a % of Reading (Gain = 16) AMPS 0.40 –0.20 0.01 0.1 110 0.30 0.20 0.10 0.00 –0.30 PF = 0.5 GAIN = 1 ON-CHIP REFERENCE –0.10 100 –40 C PF = 0.5 +25 C PF = 0.5 +25 C PF = 1 +85 C PF = 0.5 TPC 5. Error as a % of Reading (PF = 0.5, Gain = 1) AMPS 0.30 –0.20 0.01 100 0.1 110 0.20 0.10 0.00 –0.10 –0.30 PF = 0.5 GAIN = 2 ON-CHIP REFERENCE +85 C PF = 0.5 +25 C PF = 1 –40 C PF = 0.5 +25 C PF = 0.5 TPC 6. Error as a % of Reading (Gain = 2) |