| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA10000S3CTR Fiches technique(PDF) 4 Page - ANADIGICS, Inc |
|
|
|||||||||||||||||||||||||||||
ADA10000S3CTR Fiches technique(HTML) 4 Page - ANADIGICS, Inc |
|
4 / 12 page ![]() 4 Data Sheet - Rev 2.3 06/2003 ADA10000 ELECTRICAL CHARACTERISTICS Table 3: Absolute Minimum and Maximum Ratings Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability. Table 4: Operating Ranges The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: (1) RF input pin must be AC-coupled. No DC external bias should be applied. Notes: (1) Median time to failure will degrade above this temperature. R E T E M A R A P N I M X A M T I N U y l p p u S ) 4 1 n i p : e g a k c a p 3 S ( ) 3 n i p : e g a k c a p 4 2 S ( 02 1 +C D V t u p n I t a r e w o P F R ) 6 n i p : e g a k c a p 3 S ( ) 1 n i p : e g a k c a p 4 2 S ( -0 1 +m B d e r u t a r e p m e T e g a r o t S5 6 -0 5 1 +C ° R E T E M A R A P N I M P Y T X A M T I N U y c n e u q e r F t u p t u O / t u p n I F R0 5- 0 0 0 1z H M V ( e g a tl o V y l p p u S D D )4 +8 +9 +C D V e r u t a r e p m e T e s a C0 4 -- 5 8 + ) 1 ( C ° |