Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9985/PCB Fiches technique(PDF) 25 Page - Analog Devices

No de pièce AD9985/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9985/PCB Fiches technique(HTML) 25 Page - Analog Devices

Back Button AD9985/PCB Datasheet HTML 21Page - Analog Devices AD9985/PCB Datasheet HTML 22Page - Analog Devices AD9985/PCB Datasheet HTML 23Page - Analog Devices AD9985/PCB Datasheet HTML 24Page - Analog Devices AD9985/PCB Datasheet HTML 25Page - Analog Devices AD9985/PCB Datasheet HTML 26Page - Analog Devices AD9985/PCB Datasheet HTML 27Page - Analog Devices AD9985/PCB Datasheet HTML 28Page - Analog Devices AD9985/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9985
Rev. 0 | Page 25 of 32
1B
7:0
Blue Target Code
This specifies the targeted value of the final offset for
the Blue channel when auto offset is employed
(Register 0x1D Bit 7 = 1). Default is 4.
1D
7
Auto Offset Enable
Enables the auto offset circuitry. Default is 0.
1D
6
Hold Auto Offset
Holds the offset output of the auto offset at the current
value. Default is 0.
1D
1:0
Update Mode
Changes the update rate of the auto offset. Default is
‘10’.
Table 41. Auto Offset Update Rate
Update Mode
Auto-Offset Update Timing
00
Every Clamp cycle.
01
Every 16 Clamp cycles.
10
Every 64 Clamp cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32