Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RB Fiches technique(PDF) 2 Page - Sharma Electro Components,Inc

No de pièce RB
Description  RB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARMA [Sharma Electro Components,Inc]
Site Internet  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RB Fiches technique(HTML) 2 Page - Sharma Electro Components,Inc

  RB Datasheet HTML 1Page - Sharma Electro Components,Inc RB Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 1KH z,85℃)
25
35
50
63
80
100
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
1
6.3x11
70
1.5
6.3x11
85
2.2
6.3x11
95
8x11
110
3.3
6.3x11
105
8x11
130
8x11
140
4.7
8x11
145
8x11
155
10x12.5
200
5.6
6.3x11
130
8x11
160
10x12.5
200
10x12.5
215
6.8
8x11
170
8x11
180
10x12.5
220
10x12.5
235
8.2
8x11
185
8x11
195
10x12.5
245
10x15
290
10
6.3x11
170
8x11
205
10x12.5
255
10x12.5
270
10x15
320
15
6.3x11
200
8x11
240
10x12.5
295
10x12.5
310
10x17
390
10x20
445
22
8x11
280
10x12.5
340
10x12.5
360
10x15
420
10x20
505
13x20
625
33
8x11
340
10x12.5
420
10x17
515
10x20
580
13x20
720
13x25
845
47
10x12.5
480
10x15
555
10x20
660
13x20
805
13x25
945
16x26
1155
56
10x12.5
520
10x17
640
13x20
835
13x20
880
13x25
1030
16x26
1260
68
10x15
635
10x17
705
13x20
920
13x25
1070
16x26
1300
16x32
1520
82
10x15
700
10x20
830
13x20
1010
13x25
1175
16x26
1430
16x36
1765
100
10x17
820
13x20
1065
13x25
1230
16x36
1480
16x36
1820
18x36
2080
WV
Case Size / Max Ripple Current
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2