Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LZ Fiches technique(PDF) 2 Page - Sharma Electro Components,Inc

No de pièce LZ
Description  LZ Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARMA [Sharma Electro Components,Inc]
Site Internet  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LZ Fiches technique(HTML) 2 Page - Sharma Electro Components,Inc

  LZ Datasheet HTML 1Page - Sharma Electro Components,Inc LZ Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 100KHz,105℃) /
MAX IMPEDANCE (Z(Ω) / 100KHz,20℃)
6.3
10
16
25
35
SPEC
μF
ψDxL
RC
Z
ψDxL
RC
Z
ψDxL
RC
Z
ψDxL
RC
Z
ψDxL
RC
Z
4.7
5x11
100
1.20
10
5x11
120
0.90
22
5x11
170
0.42
33
5x11
180
0.42
47
5x11
150
0.50
5x11
170
0.42
6.3x11
200
0.36
100
5x11
170
0.42
6.3x11
250
0.25
8x11
310
0.22
8x11
400
0.14
220
6.3x11
260
0.22
8x11
400
0.14
8x14
560
0.10
10x12.5
650
0.085
330
6.3x11
250
0.25
8x11
400
0.14
8x14
560
0.10
10x16
820
0.069
10x20
1070
0.044
470
8x11
400
0.14
8x14
560
0.10
10x12.5
680
0.085
10x16
900
0.068
10x25
1110
0.039
1000
8x14
700
0.10
10x16
900
0.068
10x20
1110
0.044
13x20
1200
0.038
13x25
1460
0.029
1200
10x16
810
0.064
10x20
1070
0.044
13x20
1200
0.038
13x25
1460
0.029
13x30
1670
0.025
1500
10x20
1070
0.044
10x25
1110
0.039
13x20
1420
0.036
13x30
1670
0.026
16x32
2150
0.024
2200
10x25
1100
0.042
13x20
1200
0.038
13x25
1670
0.030
13x36
2150
0.022
16x36
2530
0.019
3300
13x20
1250
0.038
13x25
1470
0.030
13x36
1890
0.022
16x36
2270
0.019
18x36
3100
0.016
4700
13x30
1740
0.025
13x36
1890
0.022
16x36
1920
0.019
6800
16x26
1930
0.022
16x36
1920
0.019
10000
16x36
2210
0.019
50
63
100
SPEC
μF
ψDxL
RC
Z
ψDxL
RC
Z
ψDxL
RC
Z
4.7
5x11
85
2.00
5x11
90
2.00
5x11
95
2.00
10
5x11
100
1.70
5x11
110
2.00
6.3x11
120
1.00
22
5x11
150
0.70
6.3x11
180
1.00
8x11
220
0.53
33
6.3x11
190
0.65
6.3x11
200
0.90
8x14
260
0.40
47
6.3x11
220
0.52
8x11
260
0.80
10x20
400
0.35
100
8x14
440
0.25
10x15
540
0.30
13x20
720
0.20
220
10x16
530
0.20
10x20
620
0.090
16x26
950
0.070
330
10x25
810
0.072
13x25
990
0.060
16x32
1310
0.050
470
13x20
950
0.065
16x26
1460
0.050
18x32
1650
0.045
1000
16x26
1370
0.039
16x32
1780
0.030
1200
16x32
1630
0.025
1500
16x36
1800
0.025
WV
Case Size / Max Ripple Current / Impedance
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2