Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9985 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD9985
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9985 Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD9985 Datasheet HTML 24Page - Analog Devices AD9985 Datasheet HTML 25Page - Analog Devices AD9985 Datasheet HTML 26Page - Analog Devices AD9985 Datasheet HTML 27Page - Analog Devices AD9985 Datasheet HTML 28Page - Analog Devices AD9985 Datasheet HTML 29Page - Analog Devices AD9985 Datasheet HTML 30Page - Analog Devices AD9985 Datasheet HTML 31Page - Analog Devices AD9985 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD9985
Rev. 0 | Page 32 of 32
NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C
Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04799-0-5/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32