Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83902AV Fiches technique(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Fiches technique(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 16Page - National Semiconductor (TI) DP83902AV Datasheet HTML 17Page - National Semiconductor (TI) DP83902AV Datasheet HTML 18Page - National Semiconductor (TI) DP83902AV Datasheet HTML 19Page - National Semiconductor (TI) DP83902AV Datasheet HTML 20Page - National Semiconductor (TI) DP83902AV Datasheet HTML 21Page - National Semiconductor (TI) DP83902AV Datasheet HTML 22Page - National Semiconductor (TI) DP83902AV Datasheet HTML 23Page - National Semiconductor (TI) DP83902AV Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
70 Packet Reception (Continued)
BUFFER RECOVERY FOR REJECTED PACKETS
If the packet is a runt packet or contains CRC or Frame
Alignment errors it is rejected The buffer management log-
ic resets the DMA back to the first buffer page used to store
the packet (pointed to by CURR) recovering all buffers that
had been used to store the rejected packet This operation
will not be performed if the ST-NIC is programmed to accept
either runt packets or packets with CRC or Frame Alignment
errors The received CRC is always stored in buffer memory
after the last byte of received data for the packet
Error Recovery
If the packet is rejected as shown the DMA is restored by
the ST-NIC by reprogramming the DMA starting address
pointed to by the Current Page Register
Termination of Receive PacketPacket Reject
TLF11157 – 15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70