Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BQ40Z50RSMT-R1 Fiches technique(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
No de pièce BQ40Z50RSMT-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R1 Fiches technique(HTML) 37 Page - Texas Instruments

Back Button BQ40Z50RSMT-R1 Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 37Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 38Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 39Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 40Page - Texas Instruments BQ40Z50RSMT-R1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Figure 32. Cell and BAT Inputs
9.2.2.3.2
External Cell Balancing
Internal cell balancing can only support up to 10 mA. External cell balancing provide as another option for faster
cell balancing. For details, refer to the application note, Fast Cell Balancing Using External MOSFET (SLUA420).
9.2.2.3.3
PACK and FET Control
The PACK and VCC inputs provide power to the bq40z50-R1 from the charger. The PACK input also provides a
method to measure and detect the presence of a charger. The PACK input uses a 100-
Ω resistor; whereas, the
VCC input uses a diode to guard against input transients and prevents mis-operation of the date driver during
short-circuit events.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55