| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7922AUJ-R2 Fiches technique(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7922AUJ-R2 Fiches technique(HTML) 14 Page - Analog Devices |
|
14 / 32 page ![]() AD7912/AD7922 Rev. 0 | Page 14 of 32 1.0 –1.0 –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.8 0 512 1024 1536 2048 2560 3072 3584 4096 CODE VDD = 2.7V FSAMP = 1MSPS TEMPERATURE = 25 °C Figure 14. AD7922 INL Performance 1.0 –1.0 –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.8 0 512 1024 1536 2048 2560 3072 3584 4096 CODE VDD = 2.7V FSAMP = 1MSPS TEMPERATURE = 25 °C Figure 15. AD7922 DNL Performance –20 –30 –40 –50 –60 –70 –80 –90 10 100 1000 FREQUENCY (kHz) RIN = 500Ω RIN = 1kΩ RIN = 100Ω RIN = 10Ω RIN = 50Ω RIN = 0Ω VDD = 3.6V Figure 16. THD vs. Analog Input Frequency for Various Source Impedances –68 –70 –72 –74 –76 –78 –80 –88 –82 –84 –86 10 100 1000 FREQUENCY (kHz) VDD = 2.35V VDD = 2.7V VDD = 4.75V VDD = 3.6V VDD = 5.25V Figure 17. THD vs. Analog Input Frequency for Various Supply Voltages 180 160 140 120 100 80 60 40 20 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) TEMP = –40 °C TEMP = +85 °C TEMP = +25 °C Figure 18. Shutdown Current vs. Supply Voltage |