Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83848JSQ/NOPB Fiches technique(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No de pièce DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Fiches technique(HTML) 14 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 12Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 13Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 14Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 15Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 16Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 17Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Vcc
Hardware
RESET_N
MDC
32 clocks
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
input
output
T2.1.3
T2.1.2
T2.1.1
X1 clock
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
AC Timing Requirements (continued)
MIN
NOM
MAX
UNIT
ISOLATION TIMING (REFER TO Figure 5-26)
From software clear of bit 10 in the BMCR register
T2.26.1
100
µs
to the transition from Isolate to Normal Mode
From Deassertion of S/W or H/W Reset to
T2.26.2
500
µs
transition from Isolate to Normal mode
100 Mb/s X1 TO TX_CLK TIMING (REFER TO Figure 5-27)(26)
T2.27.1
X1 to TX_CLK delay
100 Mb/s Normal mode
0
5
ns
(26) X1 to TX_CLK timing is provided to support devices that use X1 instead of TX_CLK as the reference for transmit Mll data.
Figure 5-1. Power Up Timing
14
Specifications
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84